| Moteur de recherche de fiches techniques de composants électroniques |
|
DM51157 Fiches technique(PDF) 182 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 Fiches technique(HTML) 182 Page - ITT Industries |
|
182 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 181 D Subminiature Space/High Reliability Solder Cup Receptacle Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9SNM* DEMY9SNM* DA 15 DAM15SNM* DAMY15SNM* DB 25 DBM25SNM* DBMY25SNM* DC 37 DCM37SNM* DCMY37SNM* DD 50 DDM50SNM* DDMY50SNM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SNMB For shells with 50 microinches gold, add K52. Example: DEM9SNMK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Engaging Face DD Configuration A C B E D 10 ° Ø 3,05 (.120) 5,69 (.224) 2,84 (.112) L K 2,84 (.112) F W 9,91 (.390) MAX |