| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8352 Fiches technique(PDF) 151 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 Fiches technique(HTML) 151 Page - Wolfson Microelectronics plc |
|
151 / 336 page ![]() Production Data WM8352 w PD, February 2011, Rev 4.4 151 16.3 OPEN-DRAIN LED OUTPUTS The three open-drain outputs ISINKC, ISINKD and ISINKE are alternate functions of the GPIO10, GPIO11 and GPIO12 pins, respectively (see Section 20). They can drive LEDs connected to LINE, with a series resistor. Note that the GPIO pins have other alternate functions, which will not be available that pin is configured as ISINKC, ISINKD or ISINKE. 16.4 LED DRIVER CONNECTIONS The recommended connections for LEDs on ISINKA and ISINKB are illustrated in Figure 72. WM8352 ISINKA VDD SINKGND Figure 72 LED Connections to ISINKA and ISINKB The recommended connections for LEDs on ISINKC, ISINKD and ISINKE are illustrated in Figure 73. Figure 73 LED Connections to ISINKC, ISINKD and ISINKE |