| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8321 Fiches technique(PDF) 223 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8321 Fiches technique(HTML) 223 Page - Wolfson Microelectronics plc |
|
223 / 253 page ![]() Production Data WM8321 w PD, February 2012, Rev 4.0 223 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16526 (408Eh) Power Good Source 1 3 DC4_OK 0 DC-DC4 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 2 DC3_OK 1 DC-DC3 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 1 DC2_OK 1 DC-DC2 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 0 DC1_OK 1 DC-DC1 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled Register 408Eh Power Good Source 1 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16527 (408Fh) Power Good Source 2 9 LDO10_OK 1 LDO10 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 8 LDO9_OK 1 LDO9 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 7 LDO8_OK 1 LDO8 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 6 LDO7_OK 1 LDO7 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 5 LDO6_OK 1 LDO6 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 4 LDO5_OK 1 LDO5 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 3 LDO4_OK 1 LDO4 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 2 LDO3_OK 1 LDO3 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 1 LDO2_OK 1 LDO2 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled 0 LDO1_OK 1 LDO1 status selected as an input to PWR_GOOD 0 = Disabled 1 = Enabled Register 408Fh Power Good Source 2 |