| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F276E Fiches technique(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276E Fiches technique(HTML) 116 Page - STMicroelectronics |
|
116 / 235 page ![]() System reset ST10F276E 116/235 Doc ID 12303 Rev 3 Figure 30. Synchronous long hardware RESET (EA = 1) 1. If during the reset condition (RSTIN low), RPD voltage drops below the threshold voltage (about 2.5V for 5V operation), the asynchronous reset is then immediately entered. Even if RPD returns above the threshold, the reset is defnitively taken as asynchronous. 2. Minimum RSTIN low pulse duration shall also be longer than 500ns to guarantee the pulse is not masked by the internal filter (refer to Section 19.1). |