Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F276E Fiches technique(PDF) 110 Page - STMicroelectronics

No de pièce ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Fiches technique(HTML) 110 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 106Page - STMicroelectronics ST10F276E Datasheet HTML 107Page - STMicroelectronics ST10F276E Datasheet HTML 108Page - STMicroelectronics ST10F276E Datasheet HTML 109Page - STMicroelectronics ST10F276E Datasheet HTML 110Page - STMicroelectronics ST10F276E Datasheet HTML 111Page - STMicroelectronics ST10F276E Datasheet HTML 112Page - STMicroelectronics ST10F276E Datasheet HTML 113Page - STMicroelectronics ST10F276E Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 235 page
background image
System reset
ST10F276E
110/235
Doc ID 12303 Rev 3
Figure 25.
Asynchronous power-on RESET (EA = 0)
1.
3 to 8 TCL depending on clock source selection.
Hardware reset
The asynchronous reset must be used to recover from catastrophic situations of the
application. It may be triggered by the hardware of the application (internal hardware logic
and application circuitry are described in Section 19.7: Reset circuitry and figures 37, 38
and 39). It occurs when RSTIN is low and RPD is detected (or becomes) low as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More