Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC74L8 Fiches technique(PDF) 110 Page - STMicroelectronics

No de pièce SPC56EC74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74L8 Fiches technique(HTML) 110 Page - STMicroelectronics

Back Button SPC56EC74L8 Datasheet HTML 106Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 107Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 108Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 109Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 110Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 111Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 112Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 113Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 118 page
background image
Package characteristics
SPC564Bxx - SPC56ECxx
110/118
Doc ID 17478 Rev 4
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
c
0.09
0.2
D
29.8
30
30.2
D1
27.8
28
28.2
D3
25.5
e0.5
E
29.8
30
30.2
E1
27.8
28
28.2
E3
25.5
L
0.45
0.6
0.75
L1
1
K0
3.5
7.0
ccc
0.08
Table 54.
LQFP208 mechanical data (continued)
Ref
mm
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More