Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC70L7 Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce SPC56EC70L7
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L7 Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button SPC56EC70L7 Datasheet HTML 101Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 102Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 103Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 104Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 105Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 106Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 107Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 108Page - STMicroelectronics SPC56EC70L7 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
105/118
Figure 36. Timing diagram - JTAG boundary scan
7tTDOI
CC
D TCK low to TDO invalid
6
—
—
ns
—tTDC
CC
D TCK Duty Cycle
40
—
60
%
—tTCKRISE
CC
D TCK Rise and Fall Times
—
—
3
ns
Table 52.
JTAG characteristics (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
INPUT DATA VALID
OUTPUT DATA VALID
DATA INPUTS
DATA OUTPUTS
DATA OUTPUTS
TCK
Note: Numbers shown reference Table 52.
3/5
2/4
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More