Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60L5 Fiches technique(PDF) 154 Page - STMicroelectronics

No de pièce SPC56EL60L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60L5 Fiches technique(HTML) 154 Page - STMicroelectronics

Back Button SPC56EL60L5 Datasheet HTML 150Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 151Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 152Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 153Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 154Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 155Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 156Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 157Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
Revision history
SPC56XL60/54
154/160
Doc ID 15457 Rev 8
23-Mar-2011
6
(continued)
In the “Supply current characteristics (cut2)“ table:
– Changed “IDD_LV_MAX” to “IDD_LV_MAX“;
– Removed all “40-120 MHz” frequency ranges from the “Conditions” column;
– Updated the “Max” values column;
– Added parameter “IDD_LV_TYP +IDD_LV_PLL“ with “P” classification and
special footnote;
– Changed all “25
°C“ temperature conditions to “ambient”;
– Added “TJ = 150 °C“ condition to parameters IDD_HV_ADC, IDD_HV_AREF.,
IDD_HV_OSC, and IDD_HV_FLASH.
Changed the timing diagram in the “Main oscillator electrical characteristics”
section to reference MTRANS assertion instead of VDDMIN.
Updated the jitter specs in the “FMPLL electrical characteristics“ table.
In the “ADC conversion characteristics“ table, changed all parameters with
units of “counts” to units of “LSB” and updated Min/Max values.
Changed IDD_LV_BIST + IDD_LV_PLL operating current (for both cases) to TBD.
In the “Supply current characteristics (cut2)” section, added a footnote that
IDD_HV_ADC and IDD_HV_AREF represent the total current of both ADCs in the
“Current consumption characteristics” table.
In the “ADC conversion characteristics” table:
– Changed DNL min from -2 to -1.
– Changed OFS min from -2 to -6.
– Changed OFS max from 2 to 6.
– Changed GNE min from -2 to -6.
– Changed GNE max from 2 to 6.
– Changed SNR min from 69 to 67.
– Changed TUE min (without current injection) from -6 to -8.
– Changed TUE max (without current injection) from 6 to 8.
– Changed TUE min (with current injection) from -8 to -10.
Changed TUE max (with current injection) from 8 to 10.
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More