Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL60L5 Fiches technique(PDF) 137 Page - STMicroelectronics

No de pièce SPC56EL60L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60L5 Fiches technique(HTML) 137 Page - STMicroelectronics

Back Button SPC56EL60L5 Datasheet HTML 133Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 134Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 135Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 136Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 137Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 138Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 139Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 140Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
SPC56XL60/54
Electrical characteristics
Doc ID 15457 Rev 8
137/160
Figure 30. External interrupt timing
3.20.6
DSPI timing
IRQ
1
2
3
Table 40.
DSPI timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tSCK
D
DSPI cycle time
Master (MTFE = 0)
62
—
ns
D
Slave (MTFE = 0)
62
—
D
Slave Receive Only Mode(1)
16
—
2tCSC
D
PCS to SCK delay
—
16
—
ns
3tASC
D
After SCK delay
—
16
—
ns
4tSDC
D
SCK duty cycle
—
tSCK/2 - 10 tSCK/2 + 10 ns
5tA
D
Slave access time
SS active to SOUT valid
—
40
ns
6tDIS
D
Slave SOUT disable time
SS inactive to SOUT High-Z or
invalid
—
10
ns
7tPCSC D PCSx to PCSS time
—
13
—
ns
8tPASC
DPCSS to PCSx time
—
13
—
ns
9tSUI
D
Data setup time for inputs
Master (MTFE = 0)
20
—
ns
Slave
2—
Master (MTFE = 1, CPHA = 0)
5—
Master (MTFE = 1, CPHA = 1)
20
—
10
tHI
D
Data hold time for inputs
Master (MTFE = 0)
–5
—
ns
Slave
4
—
Master (MTFE = 1, CPHA = 0)
11
—
Master (MTFE = 1, CPHA = 1)
–5
—
11
tSUO
D
Data valid (after SCK edge)
Master (MTFE = 0)
—
4
ns
Slave
—
23
Master (MTFE = 1, CPHA = 0)
—
12
Master (MTFE = 1, CPHA = 1)
—
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More