| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL60L5 Fiches technique(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60L5 Fiches technique(HTML) 130 Page - STMicroelectronics |
|
130 / 160 page ![]() Electrical characteristics SPC56XL60/54 130/160 Doc ID 15457 Rev 8 3.20 AC timing characteristics AC Test Timing Conditions: Unless otherwise noted, all test conditions are as follows: • TJ = –40 to 150 C • Supply voltages as specified in Table 10 • Input conditions: All Inputs: tr, tf = 1 ns • Output Loading: All Outputs: 50 pF 3.20.1 RESET pin characteristics The SPC56XL60/54 implements a dedicated bidirectional RESET pin. Figure 21. Start-up reset requirements Figure 22. Noise filtering on reset signal VIL VDD device reset forced by RESET VDDMIN RESET VIH device start-up phase VRESET VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST hw_rst ‘1’ ‘0’ filtered by lowpass filter WFRST unknown reset state device under hardware reset |