Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP70AM Fiches technique(PDF) 121 Page - NXP Semiconductors

No de pièce BAP70AM
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP70AM Fiches technique(HTML) 121 Page - NXP Semiconductors

Back Button BAP70AM Datasheet HTML 117Page - NXP Semiconductors BAP70AM Datasheet HTML 118Page - NXP Semiconductors BAP70AM Datasheet HTML 119Page - NXP Semiconductors BAP70AM Datasheet HTML 120Page - NXP Semiconductors BAP70AM Datasheet HTML 121Page - NXP Semiconductors BAP70AM Datasheet HTML 122Page - NXP Semiconductors BAP70AM Datasheet HTML 123Page - NXP Semiconductors BAP70AM Datasheet HTML 124Page - NXP Semiconductors BAP70AM Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 130 page
background image
122
NXP Semiconductors RF Manual 16th edition
Marking code
Final product
Package
10%
BAT18
SOT23
13%
BB207
SOT23
20%
BF545A
SOT23
21%
BF545B
SOT23
22%
BF545C
SOT23
24%
BF556A
SOT23
25%
BF556B
SOT23
26%
BF556C
SOT23
28%
BF861A
SOT23
29%
BF861B
SOT23
30%
BF861C
SOT23
31%
BFR505
SOT23
32%
BFR520
SOT23
33%
BFR540
SOT23
34%
BFT25A
SOT23
35%
ON4288
SOT23
36%
ON4690
SOT23
38%
PMBFJ108
SOT23
39%
PMBFJ109
SOT23
40%
PMBFJ110
SOT23
41%
PMBFJ111
SOT23
42%
PMBFJ112
SOT23
47%
PMBFJ113
SOT23
48%
PMBFJ308
SOT23
49%
PMBFJ309
SOT23
50%
PMBFJ310
SOT23
1
BA277
SOD523
2
BB182
SOD523
2
BB182/L
SOD523
4
BB189
SOD523
4
BB189/L
SOD523
7
BA891
SOD523
7
BA891/L
SOD523
8
BB178
SOD523
8
BB178/L
SOD523
9
BB179
SOD523
9
BB179/L
SOD523
%1V
BFR93AW/DG
SOT323
%1W
BAP51-05W
SOT323
%6G
PMBF4393
SOT23
%6J
PMBF4391
SOT23
%6K
PMBF4392
SOT23
%6N
ON5088
SOT343
%6S
PMBFJ176
SOT23
%6W
PMBFJ175
SOT23
%6X
PMBFJ174
SOT23
%6Y
PMBFJ177
SOT23
%7N
ON5087
SOT343
%8N
ON5089
SOT343
%AB
BF1210
SOT363
%BG
PMBFJ177/DG
SOT23
%E7
BGA2800
SOT363
%E8
BGA2801
SOT363
%E9
BGA2815
SOT363
%EA
BGA2816
SOT363
%EB
BGA2850
SOT363
%EC
BGA2865
SOT363
%ED
BGA2866
SOT363
%M1
BF908
SOT143
%M2
BF908R
SOT143
%M3
BF909
SOT143
%M4
BF909R
SOT143
Marking code
Final product
Package
%M5
BF909A
SOT143
%M6
BF909AR
SOT143
%M7
BF904A
SOT143
%M8
BF904AR
SOT143
%M9
BSS83
SOT143
%M9
ON4906
SOT143
%MA
BF991
SOT143
%MB
BF992
SOT143
%MC
BF904
SOT143
%MD
BF904R
SOT143
%ME
BFG505
SOT143
%MF
BFG520
SOT143
%MG
BFG540
SOT143
%MH
BFG590
SOT143
%MK
BFG505/X
SOT143
%ML
BFG520/X
SOT143
%MM
BFG540/X
SOT143
%MM
ON4832
SOT143
%MN
BFG590/X
SOT143
%MP
BFG520/XR
SOT143
%MP
ON4973
SOT143
%MR
BFG540/XR
SOT143
%MS
BFG10
SOT143
%MT
BFG10/X
SOT143
%MU
BFG25A/X
SOT143
%MV
BFG67/X
SOT143
%MW
BFG92A/X
SOT143
%MX
BFG93A/X
SOT143
%MY
BF1100
SOT143
%MZ
BF1100R
SOT143
%VA
BGU7041
SOT363
%VB
BGU7042
SOT363
LE
BAP64LX
SOD882D
L4
BB179LX
SOD882D
LC
BAP55LX
SOD882D
L3
BB178LX
SOD882D
1A
BGU6101
SOT1209
1B
BGU6102
SOT1209
1B%
BGA2717
SOT363
1C
BGU6104
SOT1209
1C%
BAP50-05
SOT23
1N%
BAP70-04W
SOT323
2A%
BF862
SOT23
2E
PRF949/DG
SOT416
2L
BF1208
SOT666
2N
BF1206F
SOT666
4A
BF1208D
SOT666
4K%
BAP64-04
SOT23
4L%
BAP50-04
SOT23
4W%
BAP64-04W
SOT323
5K%
BAP64-05
SOT23
5W%
BAP64-05W
SOT323
6F%
BAP1321-04
SOT23
6K%
BAP64-06
SOT23
6W%
BAP50-04W
SOT323
7K%
BAP65-05
SOT23
8K%
BAP70-05
SOT23
A1
BA591
SOD323
A1
BB208-02
SOD523
A1
BGA2001
SOT343
A1
BAP64Q
SOT753 
A2
BB208-03
SOD323
Marking code
Final product
Package
A2
BB184
SOD523
A2
BGA2002
SOT343
A2
BAP70Q
SOT753 
A2%
BGA2022
SOT363
A3
BAP64-03
SOD323
A3
BB198
SOD523
A3
BGA2003
SOT343
A3%
BGA2031/1
SOT363
A5
BAP51-03
SOD323
A5%
BGA2011
SOT363
A6%
BGA2012
SOT363
A7%
BFG310W/XR
SOT343
A8
BAP50-03
SOD323
A8%
BFG325W/XR
SOT343
A8%
PMBFJ620
SOT363
A9
BAP70-03
SOD323
AC
BGU7005
SOT886
B3
BGU7003
SOT891
B5%
BSR12
SOT23
B6
BGU7007
SOT886
B6%
BGA2715
SOT363
B7
BGU7008
SOT886
B7%
BF862/B
SOT23
B7%
BFU725F/N1
SOT343
B7%
BGA2716
SOT363
BA%
BGA2714
SOT363
BCp
BFQ591
SOT89
C
BB179B
SOD523
C1%
BGM1011
SOT363
C2%
BGM1012
SOT363
C4%
BGM1013
SOT363
C5%
BGM1014
SOT363
CL
BAP70-03/DG
SOD323
D1
BFU610F
SOT343
D2
BAP63-03
SOD323
D2
BFU630F
SOT343
D3
BAP65-03
SOD323
D3
BFU660F
SOT343
D4
BFU690F
SOT343
D5
BFU710F
SOT343
D6
BFU730F
SOT343
D7
BFU760F
SOT343
D8
BFU790F
SOT343
E1%
BFS17
SOT23
E1%
BFS17/FD
SOT23
E1%
ON4438
SOT23
E1%
BFS17W
SOT323
E2%
BFS17A
SOT23
E2%
ON5023
SOT23
E2%
BGA2712
SOT363
E3%
BGA2709
SOT363
E6
BAP55L
SOD882
FB
BFQ19
SOT89
FF
BFQ18A
SOT89
FG
BFQ149
SOT89
G2
BA278
SOD523
G2%
BGA2711
SOT363
G3%
BGA2748
SOT363
G4%
BGA2771
SOT363
G5%
BGA2776
SOT363
K1
BAP51-02
SOD523
K2
BAP51-05W
SOD523
6.2
Markingcodes
Ingeneral,devicemarkingincludesthepartnumber,somemanufacturinginformationandtheNXPlogo.Ifpackages
aretoosmallforthefull-lengthpartnumberashorter,codedpartnumber–markingcode–isused(where%=placeholder
formanufacturingsitecode).Thefull-lengthpartnumberisalwaysprintedonthepackinglabelontheboxorbulk-packin
whichthedevicesaresupplied.
p =madeinHongKong
t
=madeinMalaysia
W =madeinChina



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More