Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MOV-10D241K Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce MOV-10D241K
Description  MOV-10DxxxK Series - Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-10D241K Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  MOV-10D241K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Packaging Information
TAPE & REEL
Item
Symbol
10 mm Disc
Reel Outside Diameter
RD
355
(13.98)
Reel Inner Diameter
RD1
30
(1.181)
Tape Width
RW
55
(2.16)
Reel Width
RW1
63
max.
(2.48)
max
Pitch of Component
P
25.4 ± 0.7
(1.00 ± 0.03)
Feed Hole Pitch
P0
12.7 ± 1.0
(0.50 ± 0.04)
Feed Hole Center to Pitch
P1
8.95 ± 0.7
(0.352 ± 0.03)
Feed Hole Center to Component
Center
P2
12.7 ± 1.0
(0.50 ± 0.04)
Lead to Lead Distance
F
7.50 ± 0.8
(0.30 ± 0.03)
Component Alignment
Δh
2.0
(0.079)
Tape Width
W
18.0 ± 0.5
(0.71 ± 0.02)
Hole Down Tape Width
W0
12.0 ± 0.8
(0.47 ± 0.03)
Hole Position
W1
9.0 ± 0.5
(0.35 ± 0.02)
Hole Down Tape Position
W2
3.0
max.
(0.12) max.
Height From Center to
Component Base
H
19.0 ± 1.0
(0.75 ± 0.04)
Seating Plane Height
H0
16.0 ± 1.0
(0.63 ± 0.04)
Component Height
H1
36.0
max.
(1.42) max
Crimp Length
C
2.60
typ.
(0.10) max
Feed Hole Diameter
D0
4.0 ± 0.2
(0.16 ± 0.08)
Total Tape Thickness
t
0.6 ± 0.3
(0.02 ± 0.01)
Length of Clippped Height
L
1.0
max.
(0.04)
max
Quantity per Reel
(10D180K – 10D391K)
-
1000
Quantity per Reel
(10D431K – 10D821K)
-
500
REV. 08/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MOV-10DxxxK Series - Metal Oxide Varistor
H1
H
W0
W1
t
F
P0
P1
D0
L
P2
P
Δh
W2
W
RD1
RD
RW
RW1
DIMENSIONS:
MM
(INCHES)
BULK
250.0
(9.84)
170.0
(6.69)
60.0
(2.36)
QUANTITY = 1000 PCS. PER BOX
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Numéro de pièce similaire - MOV-10D241K

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
1Mb / 2P
RS-485 Port Protection
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
454Kb / 2P
RS-485 Port Protection Evaluation Board 2
MOV-10D201K BOURNS-MOV-10D201K Datasheet
793Kb / 7P
P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
1Mb / 32P
3.3-V Supply RS-485 With IEC ESD Protection
More results

Description similaire - MOV-10D241K

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHTKING (SHENZHEN) C...
180KD14 BRIGHTKING-180KD14 Datasheet
715Kb / 12P
Metal Oxide Varistor (MOV) Data Sheet
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com