Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MOV-10D241K Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce MOV-10D241K
Description  MOV-10DxxxK Series - Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-10D241K Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  MOV-10D241K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-10D241K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
10D201K
5
T
12.5
(.492)
MAX.
15.5
(.610)
MAX.
0.8 ± 0.1
(.031 ± .004)
7.5 ± 0.8
(.295 ± .031)
20.0
(.787)
MIN.
Product Dimensions
MOV-10DxxxK Series - Metal Oxide Varistor
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
Bourns Part Number
Bourns Part Marking
MOV-10D180K
10D180K
MOV-10D220K
10D220K
MOV-10D270K
10D270K
MOV-10D330K
10D330K
MOV-10D390K
10D390K
MOV-10D470K
10D470K
MOV-10D560K
10D560K
MOV-10D680K
10D680K
MOV-10D820K
10D820K
MOV-10D101K
10D101K
MOV-10D121K
10D121K
MOV-10D151K
10D151K
MOV-10D181K
10D181K
MOV-10D201K
10D201K
MOV-10D221K
10D221K
MOV-10D241K
10D241K
MOV-10D271K
10D271K
MOV-10D301K
10D301K
MOV-10D331K
10D331K
MOV-10D361K
10D361K
MOV-10D391K
10D391K
MOV-10D431K
10D431K
MOV-10D471K
10D471K
MOV-10D511K
10D511K
MOV-10D561K
10D561K
MOV-10D621K
10D621K
MOV-10D681K
10D681K
MOV-10D751K
10D751K
MOV-10D781K
10D781K
MOV-10D821K
10D821K
This is an RoHS compliant molded radial package with 100 % Sn plating
on the terminations.
How to Order
MOV - 10D nn (n) K (TR)
Model Designator
MOV = Metal Oxide Varistor
Disc Diameter
10D = 10 mm
Nominal Varistor Voltage
See Electrical Characteristics Table
Multiplier of Voltage Digits
0 = No multiplier
1 = nn * 101
Varistor Voltage Tolerance
K = 10 %
Packaging
Blank = Bulk
TR = Tape & Reel
Examples: MOV-10D270K = 27 V, Bulk Pack
MOV-10D331KTR = 330 V, Tape & Reel
NOTE: The “5” marking on MOV products is for traceability of production
assembly for quality assurance compliance.
Bourns Part
Number
Dim. T
(Max.)
MOV-10D180K
3.8
(.150)
MOV-10D220K
3.9
(.154)
MOV-10D270K
4.2
(.165)
MOV-10D330K
3.8
(.150)
MOV-10D390K
4.0
(.157)
MOV-10D470K
4.2
(.165)
MOV-10D560K
4.3
(.169)
MOV-10D680K
4.4
(.173)
MOV-10D820K
3.8
(.150)
MOV-10D101K
4.0
(.157)
MOV-10D121K
4.2
(.165)
MOV-10D151K
4.4
(.173)
MOV-10D181K
3.6
(.142)
MOV-10D201K
3.8
(.150)
MOV-10D221K
3.9
(.154)
Bourns Part
Number
Dim. T
(Max.)
MOV-10D241K
4.0
(.157)
MOV-10D271K
4.2
(.165)
MOV-10D301K
4.4
(.173)
MOV-10D331K
4.6
(.181)
MOV-10D361K
4.8
(.189)
MOV-10D391K
5.0
(.197)
MOV-10D431K
5.2
(.205)
MOV-10D471K
5.4
(.213)
MOV-10D511K
5.5
(.217)
MOV-10D561K
5.9
(.232)
MOV-10D621K
6.2
(.244)
MOV-10D681K
6.4
(.252)
MOV-10D751K
6.6
(.260)
MOV-10D781K
6.8
(.268)
MOV-10D821K
7.2
(.283)


Numéro de pièce similaire - MOV-10D241K

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
1Mb / 2P
RS-485 Port Protection
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
454Kb / 2P
RS-485 Port Protection Evaluation Board 2
MOV-10D201K BOURNS-MOV-10D201K Datasheet
793Kb / 7P
P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
1Mb / 32P
3.3-V Supply RS-485 With IEC ESD Protection
More results

Description similaire - MOV-10D241K

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHTKING (SHENZHEN) C...
180KD14 BRIGHTKING-180KD14 Datasheet
715Kb / 12P
Metal Oxide Varistor (MOV) Data Sheet
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com