Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS1117-ADJ Fiches technique(PDF) 4 Page - Advanced Monolithic Systems Ltd

No de pièce AMS1117-ADJ
Description  0.8A Adjustable/Fixed Low Dropout Linear Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMS [Advanced Monolithic Systems Ltd]
Site Internet   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-ADJ Fiches technique(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS1117-ADJ Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-ADJ Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-ADJ Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-ADJ Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-ADJ Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics
Fig.1 Dropout Voltage vs Output Current
Fig.2 Load Regulation vs Temperature
Fig.3 Percent Change in Output Voltage vs Temperature
Fig.4 Line Regulation
Fig.5 Line Transient Response
Fig.6 Load Transient Response
AMS1117
4
Advanced Monolithic Systems http://www.ams-semitech.com


Numéro de pièce similaire - AMS1117-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
AMS1117-ADJ YFWDIODE-AMS1117-ADJ Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-ADJ TECHPUBLIC-AMS1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Guangdong Kexin Industr...
AMS1117-ADJ KEXIN-AMS1117-ADJ Datasheet
812Kb / 3P
   Low Dropout Linear Regulator
logo
DONGGUAN YOU FENG WEI E...
AMS1117-ADJ-SOT89 YFWDIODE-AMS1117-ADJ-SOT89 Datasheet
2Mb / 4P
   Low Dropout Linear Regulator
More results

Description similaire - AMS1117-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
GTM CORPORATION
GJ1118 GTM-GJ1118 Datasheet
239Kb / 4P
   0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com