Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJP63K2 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce RJP63K2
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP63K2 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  RJP63K2 Datasheet HTML 1Page - Renesas Technology Corp RJP63K2 Datasheet HTML 2Page - Renesas Technology Corp RJP63K2 Datasheet HTML 3Page - Renesas Technology Corp RJP63K2 Datasheet HTML 4Page - Renesas Technology Corp RJP63K2 Datasheet HTML 5Page - Renesas Technology Corp RJP63K2 Datasheet HTML 6Page - Renesas Technology Corp RJP63K2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0468EJ0200 Rev.2.00
Page 1 of 6
Jun 15, 2011
Preliminary Datasheet
RJP63K2DPP-M0
Silicon N Channel IGBT
High Speed Power Switching
Features
 Trench gate and thin wafer technology (G6H-II series)
 Low collector to emitter saturation voltage: V
CE(sat) = 1.9 V typ
 High speed switching: t
r = 60 ns typ, tf = 200 ns typ.
 Low leak current: I
CES = 1 A max
 Isolated package TO-220FL
Outline
RENESAS Package code: PRSS0003AF-A)
(Package name: TO-220FL)
1
2
3
1. Gate
2. Collector
3. Emitter
C
G
E
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
630
V
Gate to emitter voltage
VGES
±30
V
Collector current
IC
35
A
Collector peak current
ic(peak)
Note1
200
A
Collector dissipation
PC
Note2
25
W
Junction to case thermal impedance
j-c
5
°C/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
 10 s, duty cycle  1%
2. Tc = 25
C
R07DS0468EJ0200
Rev.2.00
Jun 15, 2011


Numéro de pièce similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
Silicon N Channel IGBT High speed power switching
More results

Description similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
Silicon N Channel IGBT High speed power switching
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com