Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJP63K2 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce RJP63K2
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP63K2 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  RJP63K2 Datasheet HTML 1Page - Renesas Technology Corp RJP63K2 Datasheet HTML 2Page - Renesas Technology Corp RJP63K2 Datasheet HTML 3Page - Renesas Technology Corp RJP63K2 Datasheet HTML 4Page - Renesas Technology Corp RJP63K2 Datasheet HTML 5Page - Renesas Technology Corp RJP63K2 Datasheet HTML 6Page - Renesas Technology Corp RJP63K2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJP63K2DPP-M0
Preliminary
R07DS0468EJ0200 Rev.2.00
Page 5 of 6
Jun 15, 2011
1 m
10 m
100 m
1
10
Pulse Width PW (s)
1
0.3
3
0.1
0.03
0.01
10
Normalized Transient Thermal Impedance vs. Pulse Width
PDM
PW
T
D =
PW
T
D = 1
0.5
0.2
0.1
0.05
0.02
Tc = 25
°C
Waveform
Ic Monitor
Vin Monitor
D.U.T..
Rg
Vin = 15 V
VCC
10%
tr
Ic
Vin
90%
90%
90%
10%
10%
RL
Switching Time Test Circuit
td(on)
td(off)
tf
ton
toff
1 shot
pulse
0.01


Numéro de pièce similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
Silicon N Channel IGBT High speed power switching
More results

Description similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
Silicon N Channel IGBT High speed power switching
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com