Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJP63K2 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce RJP63K2
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP63K2 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  RJP63K2 Datasheet HTML 1Page - Renesas Technology Corp RJP63K2 Datasheet HTML 2Page - Renesas Technology Corp RJP63K2 Datasheet HTML 3Page - Renesas Technology Corp RJP63K2 Datasheet HTML 4Page - Renesas Technology Corp RJP63K2 Datasheet HTML 5Page - Renesas Technology Corp RJP63K2 Datasheet HTML 6Page - Renesas Technology Corp RJP63K2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJP63K2DPP-M0
Preliminary
R07DS0468EJ0200 Rev.2.00
Page 4 of 6
Jun 15, 2011
Switching Characteristics (Typical) (1)
Gate Resistance Rg (
Ω)
Switching Characteristics (Typical) (3)
Switching Characteristics (Typical) (2)
1
10
100
1000
0
20406080
100
Cies
Coes
Cres
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Colloctor to Emitter Voltage
Colloctor to Emitter Voltage VCE (V)
Colloctor Current IC (A)
Case Temperature Tc (°C)
800
600
400
200
0
0
16
12
8
4
0
8
16243240
VGE
VCE
VGE = 0 V
f = 1 MHz
Ta = 25°C
10
100
1000
1
10
100
1
10
100
td(off)
td(on)
tf
tr
tr
td(off)
td(on)
tf
tr
10
100
1000
10
100
1000
025
50
75
100
125
150
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Ta = 25°C
IC = 35 A, VGE = 15 V
RL = 8.5 Ω, Rg = 5 Ω
IC = 35 A, VGE = 15 V
RL = 8.5 Ω, Ta = 25°C
td(off)
tf
td(on)
VCC = 300 V
IC = 35 A
Ta = 25
°C


Numéro de pièce similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
More results

Description similaire - RJP63K2

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com