Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64112DFB Fiches technique(PDF) 103 Page - Renesas Technology Corp

No de pièce R5F64112DFB
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Fiches technique(HTML) 103 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 99Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 100Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 101Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 102Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 103Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 104Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 105Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 106Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
A- 4
37, 38
• Changed register names associated with “Start/Stop Condition” for
BCNiIC in Tables 4.2 and 4.3, to “Start Condition/Stop Condition”
45
• Modified reset values “XXXX XXXXb” and “XXXX 000Xb” for registers
U7RB and U8RB in Table 4.10, to “XXXXh”
46
• Changed expression of register name “Xi Register Yi Register” (i = 0 to
15) and register symbol “XiR, YiR” in Table 4.11, to “Xi Register/Yi
Register” and “XiR/YiR”, respectively
51
• Changed hexadecimal format of reset values for PDi in Table 4.16, to
binary
54
• Modified Note 1 in Table 4.19
55
• Merged addresses 40090h to 40093h in Table 4.20, into previous
page
• Modified reset values for IFS0 and IFS2 in Table 4.20; Added Notes 1
to 3 for 80-/64-pin packages and IFS7 register
55-57
• Modified the following register name in Tables 4.20 to 4.22: “Port Pi_j
Port Function Select Register”, to “Port Pi_j Function Select Register”
59
• Modified register name “DMAi Request Source Select Register 1” in
Table 4.24
, to “DMAi Request Source Select Register”
• Changed register names “Wake-up Interrupt Priority Level Control
Register 2” and “Wake-up Interrupt Priority Level Control Register 1” in
Table 4.24
, to “Wake-up IPL Setting Register 2” and “Wake-up IPL
Setting Register 1”, respectively
Chapter 5. Electrical Characteristics
60
• Added Notes 2 and 3 for 80-/64-pin packages to Table 5.1
61
• Added specification of “dVCC1/dt” to Table 5.2; Added Notes 2, 4, and
5 for 80-/64-pin packages
62
• Added Note 2 for Table 5.3
63
• Added Note 3 for 80-/64-pin packages to Table 5.4
65
• Modified description “VCC”s in Table 5.6, to “VCC1”s and “VCC2”s
66
• Added Table 5.7 to provide RAM electrical characteristics
• Deleted specification of “tPS” from Table 5.8
67
• Deleted measurement condition for power supply circuit timing
characteristics in Table 5.9
• Added “Supply voltage for internal logic” to Figure 5.3 and deleted
“CPU clock” from the figure
• Changed voltage condition for Table 5.11, from “VCC1 = VCC2 = 3.3 to
5.5 V” to “VCC1 = VCC2 = 4.2 to 5.5 V”; Clarified maximum value for
“
ΔVdet” in Table 5.11; Modified self-consuming current “VCC”, to
“VCC1”
68
• Changed typical value and maximum value for fSO(PLL) in Table 5.12,
to “55” and “80” respectively
• Changed the following expressions: “PLL frequency synthesizer
stabilization time” in Table 5.12, to “PLL lock time” and “tOSC(PLL)”, to
“tLOCK(PLL)”
• Modified description for Note1 of Table 5.13
Revision History
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com