Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7958 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA7958
Description  For TV, VTR Audio/Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7958 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA7958 Datasheet HTML 1Page - Sanyo Semicon Device LA7958 Datasheet HTML 2Page - Sanyo Semicon Device LA7958 Datasheet HTML 3Page - Sanyo Semicon Device LA7958 Datasheet HTML 4Page - Sanyo Semicon Device LA7958 Datasheet HTML 5Page - Sanyo Semicon Device LA7958 Datasheet HTML 6Page - Sanyo Semicon Device LA7958 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA7958
No.A0260-5/7
No.
Parameter
Explanations
Test circuit
1
Video signal voltage gain (Av)
P : Pins 7, 9, 12, 19
Q : Pin 16
VIN = 1Vp-p
Input inpedance 75k
Av = 20 log Vout/VIN (dB)
2
Video channel bandwidth (Fv)
P : Pins 7, 9, 12, 19
Q : Pin 16
VIN = 1Vp-p
A frequency which becomes -3dB is
measured.
3
Video channel noise (SNv)
P : Pins 7, 9, 12, 19
Q : Pin 16
4
Video channel crosstalk (CTv)
P : Pin 7 (Pins 9, 12, 19)
O : Pins 9, 12, 19 (Pin 7)
Q : Pin 16
5
Video channel PSRR (PSv)
Pin 8, f = 50Hz
VIN = 1Vp-p
P : Pins 7, 9, 12, 19
Q : Pin 16
6
Audio signal voltage gain (Aa)
P : Pins 1, 2, 3, 4, 5, 6, 21, 22
Q : Pins 17, 18
VIN = 500mVrms
Aa = 20 log Vout/VIN (dB)
Continued on next page.


Numéro de pièce similaire - LA7958

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
Audio/Video Switch
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
Audio/Video Switch
More results

Description similaire - LA7958

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Rohm
BA7615N ROHM-BA7615N Datasheet
60Kb / 3P
Video signal switcher for VTR, TV
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
Video IF Amplifier for Multistandard TV and VTR
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
Monolithic Linear IC For TV Audio/Video Switch
logo
Toshiba Semiconductor
TA8851CN TOSHIBA-TA8851CN Datasheet
1Mb / 45P
AUDIO/VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8851BNG TOSHIBA-TA8851BNG Datasheet
1Mb / 48P
AUDIO / VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8851BN TOSHIBA-TA8851BN Datasheet
1Mb / 46P
AUDIO/ VIDEO SWITCH IC FOR TV WITH S-TERMINALS
logo
TEMIC Semiconductors
TDA4453 TEMIC-TDA4453 Datasheet
101Kb / 7P
Video IF Amplifier for Multistandard TV Receiver and VTR Appliances
logo
List of Unclassifed Man...
LTH ETC2-LTH Datasheet
140Kb / 1P
CERAMIC FOR FILTER TV/VTR
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
Video-Audio Interface for LCD TV
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com