Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV8803 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV8803
Description  QUAD LOW-SIDE DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8803 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DRV8803 Datasheet HTML 4Page - Texas Instruments DRV8803 Datasheet HTML 5Page - Texas Instruments DRV8803 Datasheet HTML 6Page - Texas Instruments DRV8803 Datasheet HTML 7Page - Texas Instruments DRV8803 Datasheet HTML 8Page - Texas Instruments DRV8803 Datasheet HTML 9Page - Texas Instruments DRV8803 Datasheet HTML 10Page - Texas Instruments DRV8803 Datasheet HTML 11Page - Texas Instruments DRV8803 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DRV8803
SLVSAW5A
– JULY 2011 – REVISED JULY 2011
www.ti.com
Protection Circuits
The DRV8803 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the tOCP deglitch time (approximately 3.5 µs), the driver will be
disabled and the nFAULT pin will be driven low. The driver will remain disabled for the tRETRY retry time
(approximately 1.2 ms), then the fault will be automatically cleared. The fault will be cleared immediately if either
RESET pin is activated or VM is removed and re-applied.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all output FETs will be disabled and the nFAULT pin will be driven low.
Once the die temperature has fallen to a safe level, operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled, and internal logic will be reset. Operation will resume when VM rises above the UVLO
threshold.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DRV8803


Numéro de pièce similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
1Mb / 26P
DRV8803/04/05/06 Evaluation Module
DRV8803 TI-DRV8803 Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803 Datasheet
2Mb / 37P
DRV8803 Quad Low-Side Driver IC
DECEMBER 2024
DRV8803DW TI-DRV8803DW Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
DRV8803DW TI1-DRV8803DW Datasheet
1Mb / 26P
Quad Low-Side Driver IC
More results

Description similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com