Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV8803 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV8803
Description  QUAD LOW-SIDE DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8803 Fiches technique(HTML) 5 Page - Texas Instruments

  DRV8803 Datasheet HTML 1Page - Texas Instruments DRV8803 Datasheet HTML 2Page - Texas Instruments DRV8803 Datasheet HTML 3Page - Texas Instruments DRV8803 Datasheet HTML 4Page - Texas Instruments DRV8803 Datasheet HTML 5Page - Texas Instruments DRV8803 Datasheet HTML 6Page - Texas Instruments DRV8803 Datasheet HTML 7Page - Texas Instruments DRV8803 Datasheet HTML 8Page - Texas Instruments DRV8803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DRV8803
www.ti.com
SLVSAW5A
– JULY 2011 – REVISED JULY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VM
Power supply voltage range
8.2
60
V
VCLAMP
Output clamp voltage range
8.2
60
V
Continuous output current, single channel on, TA = 25°C, SOIC package
(1)
1.5
Continuous output current, four channels on, TA = 25°C, SOIC package
(1)
0.8
IOUT
A
Continuous output current, single channel on, TA = 25°C, HTSSOP package
(1)
1.5
Continuous output current, four channels on, TA = 25°C, HTSSOP package
(1)
0.8
(1)
Power dissipation and thermal limits must be observed.
ELECTRICAL CHARACTERISTICS
TA = 25°C, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V
1.6
2.1
mA
VM undervoltage lockout
VUVLO
VM rising
8.2
V
voltage
LOGIC-LEVEL INPUTS (SCHMITT TRIGGER INPUTS WITH HYSTERESIS)
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
RPD
Pulldown resistance
100
k
Ω
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
LOW-SIDE FETS
VM = 24 V, IO = 700 mA, TJ = 25°C
0.5
RDS(ON)
FET on resistance
VM = 24 V, IO = 700 mA, TJ = 85°C
0.75
0.8
IOFF
Off-state leakage current
–50
50
μA
HIGH-SIDE DIODES
VF
Diode forward voltage
VM = 24 V, IO = 700 mA, TJ = 25°C
1.2
V
IOFF
Off-state leakage current
VM = 24 V, TJ = 25°C
–50
50
μA
OUTPUTS
tR
Rise time
VM = 24 V, IO = 700 mA, Resistive load
50
300
ns
tF
Fall time
VM = 24 V, IO = 700 mA, Resistive load
50
300
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
2.3
3.8
A
Overcurrent protection deglitch
tOCP
3.5
µs
time
Overcurrent protection retry
tRETRY
1.2
ms
time
tTSD
Thermal shutdown temperature
Die temperature(1)
150
160
180
°C
(1)
Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV8803


Numéro de pièce similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
DRV8803 TI-DRV8803 Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI-DRV8803DW Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI1-DRV8803DW Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803DWR TI-DRV8803DWR Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results

Description similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com