Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV8803 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV8803
Description  QUAD LOW-SIDE DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8803 Fiches technique(HTML) 4 Page - Texas Instruments

  DRV8803 Datasheet HTML 1Page - Texas Instruments DRV8803 Datasheet HTML 2Page - Texas Instruments DRV8803 Datasheet HTML 3Page - Texas Instruments DRV8803 Datasheet HTML 4Page - Texas Instruments DRV8803 Datasheet HTML 5Page - Texas Instruments DRV8803 Datasheet HTML 6Page - Texas Instruments DRV8803 Datasheet HTML 7Page - Texas Instruments DRV8803 Datasheet HTML 8Page - Texas Instruments DRV8803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DRV8803
SLVSAW5A
– JULY 2011 – REVISED JULY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VM
Power supply voltage range
–0.3 to 65
V
VOUTx
Output voltage range
–0.3 to 65
V
VCLAMP
Clamp voltage range
–0.3 to 65
V
nFAULT
Output current
20
mA
Peak clamp diode current
1.5
A
DC or RMS clamp diode current
1
A
Digital input pin voltage range
–0.5 to 7
V
nFAULT
Digital output pin voltage range
–0.5 to 7
V
Peak motor drive output current, t
< 1 μS
Internally limited
A
Continuous total power dissipation
See Dissipation Ratings table
TJ
Operating virtual junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–60 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
THERMAL INFORMATION
DRV8803
THERMAL METRIC
DW
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance(1)
67.7
θJCtop
Junction-to-case (top) thermal resistance(2)
32.9
θJB
Junction-to-board thermal resistance(3)
35.4
°C/W
ψJT
Junction-to-top characterization parameter(4)
8.2
ψJB
Junction-to-board characterization parameter(5)
34.9
θJCbot
Junction-to-case (bottom) thermal resistance(6)
N/A
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DRV8803


Numéro de pièce similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
DRV8803 TI-DRV8803 Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI-DRV8803DW Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803DW TI1-DRV8803DW Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803DWR TI-DRV8803DWR Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results

Description similaire - DRV8803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com