Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB1259 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SB1259
Description  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SB1259 Fiches technique(HTML) 1 Page - Sanken electric

  2SB1259_07 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–120
–120
–6
–10(Pulse–15)
–1
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
–10max
–10max
–120min
2000min
–1.5max
–2.0max
100typ
145typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=–120V
VEB=–6V
IC=–10mA
VCE=–4V, IC=–5A
IC=–5A, IB=–10mA
IC=–5A, IB=–10mA
VCE=–12V, IE=0.2A
VCB=–10V, f=1MHz
Darlington
2SB1259
(Ta=25°C)
(Ta=25°C)
External Dimensions FM20(TO220F)
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2081)
Application : Driver for Solenoid, Relay and Motor and General Purpose
Weight : Approx 2.0g
a. Part No.
b. Lot No.
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–15
–2
–1
–6
–5
–4
–3
Collector-Emitter Voltage V CE(V)
–10mA
–5mA
–3mA
–2mA
I B=–1mA
–20mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
–3
–2
–1
–0.2
–1
–1000
–10
–100
Base Current I B(mA)
–1A
–5A
I C=–10A
–0.03
–0.1
–0.5
–1
–10
–5
Collector Current I C(A)
(V CE=–4V)
50
100
500
10000
5000
1000
20000
Typ
0.3
0.5
5
1
1
1 0
100
1000
Time t(ms)
–10
–50
–5
–3
–100
–200
–0.03
–0.05
–1
–0.5
–0.1
–10
–20
–5
Collector-Emitter Voltage V CE(V)
DC
Without Heatsink
Natural Cooling
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
50x50x2
100x100x2
150x150x2
Without Heatsink
0
–10
–4
–6
–8
–2
0
–2.2
–2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
(V CE=–4V)
–0.02
–0.1
–0.5
–10
–5
–1
20
100
50
5000
500
1000
20000
10000
Collector Current I C(A)
25˚C
–30˚C
125˚C
0.05
0.1
0.5
1
5
10
100
0
200
(V CE=–12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–30
RL
(
Ω)
10
IC
(A)
–3
VBB2
(V)
5
IB2
(mA)
6
ton
(
µs)
0.6typ
tstg
(
µs)
1.6typ
tf
(
µs)
0.5typ
IB1
(mA)
–6
VBB1
(V)
–10
B
C
E
(3 k
Ω)(100Ω)
Equivalent circuit


Numéro de pièce similaire - 2SB1259_07

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SB1259 SANKEN-2SB1259 Datasheet
26Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SB1259 SANKEN-2SB1259 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Transistor
logo
New Jersey Semi-Conduct...
2SB1259 NJSEMI-2SB1259 Datasheet
128Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Inchange Semiconductor ...
2SB1259 ISC-2SB1259 Datasheet
267Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results

Description similaire - 2SB1259_07

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com