Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E010 Fiches technique(PDF) 3 Page - C&K Components

No de pièce E010
Description  Sealed Momentary Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E010 Fiches technique(HTML) 3 Page - C&K Components

  E010 Datasheet HTML 1Page - C&K Components E010 Datasheet HTML 2Page - C&K Components E010 Datasheet HTML 3Page - C&K Components E010 Datasheet HTML 4Page - C&K Components E010 Datasheet HTML 5Page - C&K Components E010 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A-48
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
E010 Series
Sealed Momentary Pushbutton Switches
TERMINATIONS
SECTION A-A
.120 DIA.
(3,05)
.224
(5,69)
.120 DIA.
(3,05)
.224
(5,69)
PC MOUNTING
PC MOUNTING
PC MOUNTING
W
WIRE WRAP
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE,
.150" PITCH
A
RIGHT ANGLE, PC THRU-HOLE
AW
RIGHT ANGLE, EXTENDED, PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
C
PC THRU-HOLE
Z
SOLDER LUG
SPDT
SPDT
SPDT
Not available with P contact materials.
NOTE: Terminal bend radii and lead-in manufacturing option.
Available with D1 bushing only.
NOTE: Terminal bend radii and lead-in manufacturing option.
Available with D1 bushing only.
E112SD1ABE
SPDT
E112SD1AV2BE
SPDT


Numéro de pièce similaire - E010

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
E01004011I7400361AN ETC-E01004011I7400361AN Datasheet
596Kb / 23P
TECHNICAL SPECIFICATION
Version: 2.0 Nov 15 , 2010
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results

Description similaire - E010

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com