Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E010 Fiches technique(PDF) 1 Page - C&K Components

No de pièce E010
Description  Sealed Momentary Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E010 Fiches technique(HTML) 1 Page - C&K Components

  E010 Datasheet HTML 1Page - C&K Components E010 Datasheet HTML 2Page - C&K Components E010 Datasheet HTML 3Page - C&K Components E010 Datasheet HTML 4Page - C&K Components E010 Datasheet HTML 5Page - C&K Components E010 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A-46
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
E010 Series
Sealed Momentary Pushbutton Switches
Features/Benefits
Process sealed, withstands
soldering and cleaning
Long life contact design
Snap-fitting plunger available,
accepts a variety of caps
RoHS compliant models available
Typical Applications
Instrumentation
Telecommunications and
networking equipment
Computers and peripherals
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC. See page A-50 for additional ratings.
ELECTRICAL LIFE: 40,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2–4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -30ºC to 75ºC.
CAP INSTALLATION FORCE: 10 lbs. max. permissible.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with P, Q, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant
(UL 94V-0).
PLUNGER: Glass filled nylon or glass filled polyester (PBT)
(UL 94V-0), with internal o-ring seal standard.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
SWITCH SUPPORT RETAINER: Stainless steel.
END CONTACTS: Q contact material: Coin silver, silver plated.
See A-50 for additional ratings.
CENTER CONTACTS & ALL TERMINALS: Q contact material: Copper
alloy, silver plated. See page A-50 for additional ratings.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & locking ring-Brass, nickel plated.
Lockwasher-Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-47 thru A-51. For additional options not shown in catalog, consult Customer Service Center.
All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
E112 SPDT On-Mom.
Plunger
S .222" high
L
.338" high
M .331" high, snap-fitting
Bushing
D1 Unthreaded
Y
Threaded, keyway
Contact Material
B Gold
P Gold, matte-tin
Q Silver
G Gold over silver
Seal
E Epoxy
Models Available
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
A3
Right angle, snap-in, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
R2
Right angle with PCB
V3
.460" high, V-bracket
V4
.630" high, V-bracket
V6
.460" high, V-bracket
V8
.953" high, V-bracket
V31 .460" high, snap-in V-bracket
V81 .953" high, snap-in V-bracket
V91 1.150" high, snap-in V-bracket
W
.750" long, wire wrap
Z
Solder lug


Numéro de pièce similaire - E010

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
E01004011I7400361AN ETC-E01004011I7400361AN Datasheet
596Kb / 23P
   TECHNICAL SPECIFICATION
Version: 2.0 Nov 15 , 2010
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
More results

Description similaire - E010

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com