Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBT2222LT1G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMBT2222LT1G
Description  General Purpose Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222LT1G Fiches technique(HTML) 3 Page - ON Semiconductor

  MMBT2222LT1G_09 Datasheet HTML 1Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 2Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 3Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 4Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 5Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 6Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT2222LT1G, MMBT2222ALT1G
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Unit
Max
Min
Symbol
SMALL−SIGNAL CHARACTERISTICS
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MMBT2222A
rb, Cc
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kW, f = 1.0 kHz)
MMBT2222A
NF
4.0
dB
SWITCHING CHARACTERISTICS (MMBT2222A only)
Delay Time
(VCC = 30 Vdc, VBE(off) = −0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
10
ns
Rise Time
tr
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
225
ns
Fall Time
tf
60
4. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
5. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
-2 V
< 2 ns
0
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1 k
W
+30 V
200
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1 k
+30 V
200
CS* < 10 pF
-4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
TJ = 125°C
25
°C
-55
°C
VCE = 1.0 V
VCE = 10 V


Numéro de pièce similaire - MMBT2222LT1G_09

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
181Kb / 8P
General Purpose Transistors
September, 2004 ??Rev. 5
logo
Comchip Technology
MMBT2222LT1G COMCHIP-MMBT2222LT1G Datasheet
85Kb / 6P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
133Kb / 7P
General Purpose Transistors
October, 2011 ??Rev. 10
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
165Kb / 7P
General Purpose Transistors
October, 2016 ??Rev. 11
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
227Kb / 9P
General Purpose Transistors NPN Silicon
August, 2021 - Rev. 12
More results

Description similaire - MMBT2222LT1G_09

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
General Purpose Transistors
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
General Purpose Transistors
August, 2014 ??Rev. 10
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com