Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBT2222LT1G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MMBT2222LT1G
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222LT1G Fiches technique(HTML) 5 Page - ON Semiconductor

  MMBT2222LT1G_09 Datasheet HTML 1Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 2Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 3Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 4Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 5Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 6Page - ON Semiconductor MMBT2222LT1G_09 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT2222LT1G, MMBT2222ALT1G
http://onsemi.com
5
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0
5.0 7.0 10
20 30
50
0.2 0.3
0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current−Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C
Figure 11. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 12. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.5
0.7
0.8
1.0
1.1
1.3
Figure 13. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.2
0.3
0.5
0.6
0.7
0.9
1.1
1.2
IC/IB = 10
150°C
−55°C
25°C
0.4
0.6
0.9
1.2
IC/IB = 10
150°C
−55°C
25°C
0.4
0.8
1.0
VCE = 1 V
150°C
−55°C
25°C
Figure 14. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.5
0
+0.5
-1.0
-1.5
-2.5
RqVC for VCE(sat)
RqVB for VBE
-2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500


Numéro de pièce similaire - MMBT2222LT1G_09

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
181Kb / 8P
General Purpose Transistors
September, 2004 ??Rev. 5
logo
Comchip Technology
MMBT2222LT1G COMCHIP-MMBT2222LT1G Datasheet
85Kb / 6P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
133Kb / 7P
General Purpose Transistors
October, 2011 ??Rev. 10
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
165Kb / 7P
General Purpose Transistors
October, 2016 ??Rev. 11
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
227Kb / 9P
General Purpose Transistors NPN Silicon
August, 2021 - Rev. 12
More results

Description similaire - MMBT2222LT1G_09

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com