Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK7002U Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce STK7002U
Description  N-Channel Enhancement-Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK7002U Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  STK7002U Datasheet HTML 1Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 2Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 3Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 4Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 5Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 6Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 7Page - KODENSHI_AUK CORP. STK7002U Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T5D016-001
2
STK7002U
Absolute maximum ratings
(Ta=25
C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
VGS
20
V
Maximum Drain current
ID
115
mA
Pulsed Drain Current
IDP *
800
mA
Power Dissipation
PD
200
mW
Maximum Junction-to-Ambient
RthJA
625
C/W
Operating Junction and
Storage temperature range
TJ , Tstg
-55~150
C
* PW ≤ 10 ㎲, Duty cycle ≤ 1%
Electrical Characteristics
(Ta=25
C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drian-Source breakdown voltage
BVDSS
ID=10A, VGS=0
60
-
-
V
Gate-Threshold voltage
VGS(th)
ID=0.25mA, VDS=VGS
1
2.0
2.5
V
Zero Gate voltage drain current
IDSS
VDS=60V, VGS=0
-
-
1
A
Gate-body leakage
IGSS
VDS=0V, VGS=20V
-
-
100
nA
Drain-Source on-resistance
RDS(ON) *
VGS=5V, ID=50mA
-
3.2
7.5
VGS=10V, ID=500mA
-
2.4
7.5
Forward transconductance
gfs
VDS=10V, ID=0.2A
80
-
-
mS
Input capacitance
Ciss
VDS=25V, VGS=0, f=1MHz
-
22
50
pF
Output capacitance
Coss
-
11
25
Reverse Transfer capacitance
Crss
-
2
5
Turn-on time
tON
VDD=30V, ID=0.2A
VGS=10V, RG=25
-
7
20
ns
Turn-off time
tOFF
-
11
20
ns
* PW ≤ 300 ㎲, Duty cycle ≤ 1%


Numéro de pièce similaire - STK7002U

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STK7002U AUK-STK7002U Datasheet
300Kb / 5P
N-Channel Enhancement-Mode MOSFET
More results

Description similaire - STK7002U

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
N-Channel Enhancement Mode MOSFET
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com