Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 151 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 151 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 147Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 148Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 149Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 150Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 151Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 152Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 153Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 154Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 155Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 296 page
background image
ADAU1373
Rev. 0 | Page 151 of 296
CLK2_OUTPUT_DIV REGISTER
Address: 0x43, Reset: 0x00, Name: CLK2_OUTPUT_DIV
Master Clock 2 Output Divider Control for PLLB
Table 96. Bit Descriptions for CLK2_OUTPUT_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
RW
5
CLK2OEN
CLK2 Output Enable. Output clock enable control.
0x0
RW
0
CLK2 output disable (default)
1
CLK2 output enable
[4:0]
CLK2ODIV
Output Clock 2 Divider. Output clock divider settings, 0 through 31.
0x00
RW
00000
Output Clock Divider P = 0
00001
Output Clock Divider P = 1
00010
Output Clock Divider P = 2
00011
Output Clock Divider P = 3
00100
Output Clock Divider P = 4
00101
Output Clock Divider P = 5
00110
Output Clock Divider P = 6
00111
Output Clock Divider P = 7
01000
Output Clock Divider P = 8
01001
Output Clock Divider P = 9
01010
Output Clock Divider P = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More