Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 134 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 134 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 130Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 131Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 132Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 133Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 134Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 135Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 136Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 137Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 296 page
background image
ADAU1373
Rev. 0 | Page 134 of 296
PLLA_CTRL3 REGISTER
Address: 0x2B, Reset: 0x00, Name: PLLA_CTRL3
PLLA Fractional Mode N
Table 77. Bit Descriptions for PLLA_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PLLA_N_HI
Numerator (N) of the Fractional PLLA Upper Byte. PLLA Fractional Mode
Numerator N upper byte.
0x00
RW
PLLA_CTRL4 REGISTER
Address: 0x2C, Reset: 0x00, Name: PLLA_CTRL4
Numerator (N) of the Fractional PLLA Lower Byte
Table 78. Bit Descriptions for PLLA_CTRL4
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PLLA_N_LO
Numerator (N) of the Fractional PLLA Lower Byte. PLLA Fractional Mode
Numerator N lower byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More