Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 121 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 121 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 117Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 118Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 119Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 120Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 121Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 122Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 123Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 124Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 296 page
background image
ADAU1373
Rev. 0 | Page 121 of 296
EPMIX REGISTER
Address: 0x1C, Reset: 0x00, Name: EPMIX
Earpiece Out Mixer Control
Table 63. Bit Descriptions for EPMIX
Bits
Bit Name
Settings
Description
Reset
Access
7
EPMIX7
0x0
RW
0
DAC2 Right Signal Disable
1
DAC2 Right Signal Enable
6
EPMIX6
0x0
RW
0
DAC2 Left Signal Disable
1
DAC2 Left Signal Enable
5
EPMIX5
0x0
RW
0
DAC1 Right Signal Disable
1
DAC1 Right Signal Enable
4
EPMIX4
0x0
RW
0
DAC1 Left Signal Disable
1
DAC1 Left Signal Enable
3
EPMIX3
0x0
RW
0
Input 4 Signal Disable
1
Input 4 Signal Enable
2
EPMIX2
0x0
RW
0
Input 3 Signal Disable
1
Input 3 Signal Enable
1
EPMIX1
0x0
RW
0
Input 2 Signal Disable
1
Input 2 Signal Enable
0
EPMIX0
0x0
RW
0
Input 1 Signal Disable
1
Input 1 Signal Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More