Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 291 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 291 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 287Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 288Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 289Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 290Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 291Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 292Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 293Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 294Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 295Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 296 page
background image
ADAU1373
Rev. 0 | Page 291 of 296
EQ7_COEF2_HI REGISTER
Address: 0xBC, Reset: 0x00, Name: EQ7_COEF2_HI
Equalizer 7 Coefficient 2 Upper Byte
Table 306. Bit Descriptions for EQ7_COEF2_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ7_COEF2_HI
EQ7 Coefficient. Equalizer 7 Coefficient 2 Upper Byte.
0x00
RW
EQ7_COEF2_LO REGISTER
Address: 0xBD, Reset: 0x00, Name: EQ7_COEF2_LO
Equalizer 7 Coefficient 2 Lower Byte
Table 307. Bit Descriptions for EQ7_COEF2_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ7_COEF2_LO
EQ7 Coefficient. Equalizer 7 Coefficient 2 Lower Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More