Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 286 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 286 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 282Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 283Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 284Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 285Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 286Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 287Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 288Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 289Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 290Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 296 page
background image
ADAU1373
Rev. 0 | Page 286 of 296
EQ5_COEF2_LO REGISTER
Address: 0xAD, Reset: 0x00, Name: EQ5_COEF2_LO
Equalizer 5 Coefficient 2 Lower Byte
Table 291. Bit Descriptions for EQ5_COEF2_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ5_COEF2_LO
EQ5 Coefficient. Equalizer 5 Coefficient 2 Lower Byte.
0x00
RW
EQ5_COEF3_HI REGISTER
Address: 0xAE, Reset: 0x00, Name: EQ5_COEF3_HI
Equalizer 5 Coefficient 3 Upper Byte
Table 292. Bit Descriptions for EQ5_COEF3_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ5_COEF3_HI
EQ5 Coefficient. Equalizer 5 Coefficient 3 Upper Byte.
0x00
RW
EQ5_COEF3_LO REGISTER
Address: 0xAF, Reset: 0x00, Name: EQ5_COEF3_LO
Equalizer 5 Coefficient 3 Lower Byte
Table 293. Bit Descriptions for EQ5_COEF3_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ5_COEF3_LO
EQ5 Coefficient. Equalizer 5 Coefficient 3 Lower Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More