Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 278 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 278 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 274Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 275Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 276Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 277Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 278Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 279Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 280Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 281Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 282Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 296 page
background image
ADAU1373
Rev. 0 | Page 278 of 296
EQ3_COEF0_LO REGISTER
Address: 0x95, Reset: 0x00, Name: EQ3_COEF0_LO
Equalizer 3 Coefficient 0 Lower Byte
Table 267. Bit Descriptions for EQ3_COEF0_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ3_COEF0_LO
EQ3 Coefficient. Equalizer 3 Coefficient 0 Lower Byte.
0x00
RW
EQ3_COEF1_HI REGISTER
Address: 0x96, Reset: 0x00, Name: EQ3_COEF1_HI
Equalizer 3 Coefficient 1 Upper Byte
Table 268. Bit Descriptions for EQ3_COEF1_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ3_COEF1_HI
EQ3 Coefficient. Equalizer 3 Coefficient 1 Upper Byte.
0x00
RW
EQ3_COEF1_LO REGISTER
Address: 0x97, Reset: 0x00, Name: EQ3_COEF1_LO
Equalizer 3 Coefficient 1 Lower Byte
Table 269. Bit Descriptions for EQ3_COEF1_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ3_COEF1_LO
EQ3 Coefficient. Equalizer 3 Coefficient 1 Lower Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More