Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 269 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 269 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 265Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 266Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 267Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 268Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 269Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 270Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 271Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 272Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 273Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 296 page
background image
ADAU1373
Rev. 0 | Page 269 of 296
CHIP_ID_MID REGISTER
Address: 0xEE, Reset: 0x73, Name: CHIP_ID_MID
Chip Identification Register Middle Byte
Table 242. Bit Descriptions for CHIP_ID_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CHIP_ID_MID
Chip ID for ADAU1373_REVB. Chip Identification register middle byte.
0x73
R
01110011
73 (last two digits of the part number)
CHIP_ID_LOW REGISTER
Address: 0xEF, Reset: 0x0B, Name: CHIP_ID_LO
Chip Identification Register Low Byte
Table 243. Bit Descriptions for CHIP_ID_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CHIP_ID_LOW
Chip ID for ADAU1373_REVB. Chip identification register lower byte.
0x0B
R
00001011
0B (die revision)
SOFT_RESET REGISTER
Address: 0xFF, Reset: 0x00, Name: SOFT_RESET
Software Reset Register
Table 244. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SOFT_RST
Software Reset Register. Write 0x00 to reset all registers.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More