Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGX120N60B3 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce IXGX120N60B3
Description  GenX3 600V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX120N60B3 Fiches technique(HTML) 2 Page - IXYS Corporation

  IXGX120N60B3 Datasheet HTML 1Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 2Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 3Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 4Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 5Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGK120N60B3
IXGX120N60B3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C
= 60A, V
CE = 10V, Note 1
100
170
S
C
ies
14.6
nF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
790
pF
C
res
140
pF
Q
g
465
nC
Q
ge
I
C
= 120A, V
GE = 15V, VCE = 0.5 • VCES
74
nC
Q
gc
167
nC
t
d(on)
40
ns
t
ri
87
ns
E
on
2.9
mJ
t
d(off)
227
ns
t
fi
145
ns
E
off
3.5
mJ
t
d(on)
38
ns
t
ri
85
ns
E
on
4.0
mJ
t
d(off)
290
ns
t
fi
230
ns
E
off
4.7
mJ
R
thJC
0.16 °C/W
R
thCS
0.15
°C/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Inductive load, T
J = 125°C
I
C = 100A, VGE = 15V
V
CE = 480V, RG = 2Ω
Note 2
Inductive load, T
J = 25°C
I
C = 100A, VGE = 15V
V
CE = 480V, RG = 2Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
TO-264 AA ( IXGK) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Terminals: 1 - Gate
2 - Collector
3 - Emitter
PLUS247TM (IXGX) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80 21.34
.819
.840
E
15.75 16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals: 1 = Gate
2,4 = Collector
3 = Emitter
Back Side


Numéro de pièce similaire - IXGX120N60B3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Description similaire - IXGX120N60B3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
GenX3 600V IGBTs with Diode
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
GenX3 300V IGBTs
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com