Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGX120N60B Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXGX120N60B
Description  HiPerFAST IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX120N60B Fiches technique(HTML) 5 Page - IXYS Corporation

  IXGX120N60B Datasheet HTML 1Page - IXYS Corporation IXGX120N60B Datasheet HTML 2Page - IXYS Corporation IXGX120N60B Datasheet HTML 3Page - IXYS Corporation IXGX120N60B Datasheet HTML 4Page - IXYS Corporation IXGX120N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Fig. 14. Gate Charge
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
Q G - nanoCoulombs
VCE = 300V
I C = 100A
I G= 10mA
Fig. 15. Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
VC E - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. De pe nde nce of Turn-off
Sw itching Tim e on Te m pe rature
50
100
150
200
250
300
350
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
td(off)
, tfi - - - - -
RG = 2.7Ω, VGE = 15V
VCE = 480V
IC = 100A
50A
IC = 50A
IC = 100A
Fig. 16. Re ve rs e -Bias Safe
Ope rating Are a
0
20
40
60
80
100
120
140
160
180
200
220
100 150 200 250 300 350 400 450 500 550 600
VC E - Volts
TJ = 125ºC
RG = 2.7Ω
dV/dT < 5V/ns
Fig. 17. Maxim um Trans ie nt The rm al Re s is tance
0.01
0.1
1
1
10
100
1000
Pulse Width - milliseconds
IXGK120N60B
IXGX120N60B
IXYS REF: G_120N60B(9X)


Numéro de pièce similaire - IXGX120N60B

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
202Kb / 6P
GenX3 600V IGBTs
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Description similaire - IXGX120N60B

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com