Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGX120N60B Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce IXGX120N60B
Description  HiPerFAST IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX120N60B Fiches technique(HTML) 2 Page - IXYS Corporation

  IXGX120N60B Datasheet HTML 1Page - IXYS Corporation IXGX120N60B Datasheet HTML 2Page - IXYS Corporation IXGX120N60B Datasheet HTML 3Page - IXYS Corporation IXGX120N60B Datasheet HTML 4Page - IXYS Corporation IXGX120N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGK120N60B
IXGX120N60B
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
TO-264 AA ( IXGK) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
PLUS247TM (IXGX) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80 21.34
.819
.840
E
15.75 16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
1 - Gate
2, 4 - Collector
3 - Emitter
Terminals: 1 - Gate
2 - Collector
3 - Emitter
Back Side
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
50
75
S
C
ies
11
nF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
680
pF
C
res
190
pF
Q
g
350
nC
Q
ge
I
C = IC90, VGE = 15V, VCE = 0.5 • VCES
72
nC
Q
gc
131
nC
t
d(on)
60
ns
t
ri
45
ns
E
on
2.4
mJ
t
d(off)
200
360
ns
t
fi
160
280
ns
E
off
5.5
9.6
mJ
t
d(on)
60
ns
t
ri
60
ns
E
on
4.8
mJ
t
d(off)
290
ns
t
fi
250
ns
E
off
8.7
mJ
R
thJC
0.19 °C/W
R
thCS
0.15
°C/W
Inductive Load, T
J = 125°C
I
C = 100A,VGE = 15V
V
CE = 0.8 • VCES, RG = 2.4Ω
Note 2
Inductive Load, T
J = 25°C
I
C = 100A,VGE = 15V
V
CE = 0.8 • VCES, RG = 2.4Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.


Numéro de pièce similaire - IXGX120N60B

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
202Kb / 6P
GenX3 600V IGBTs
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Description similaire - IXGX120N60B

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com