Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGH50N90B2 Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXGH50N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N90B2 Fiches technique(HTML) 5 Page - IXYS Corporation

  IXGH50N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2004 IXYS All rights reserved
IXGH 50N90B2
IXGT 50N90B2
Fig. 14. Gate Charge
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
0
20
40
60
80
100
120
140
Q G - nanoCoulombs
VCE = 450V
I C = 50A
I G= 10mA
Fig. 15. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VC E - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. Dependence of Turn-off
Sw itching Tim e on Tem perature
150
200
250
300
350
400
450
500
550
600
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
td(off)
tfi - - - - - -
RG = 5 Ω
VGE = 15V
VCE = 720V
IC = 100A
50A
25A
IC = 25A
50A
100A
Fig. 16. Reverse-Bias Safe
Operating Area
0
10
20
30
40
50
60
70
80
90
100
110
100
200
300
400
500
600
700
800
900
VC E - Volts
TJ = 125ºC
RG = 10Ω
dV/dT < 10V/ns
Fig. 17. Maxim um Transient Therm al Resistance
0.01
0.1
1
0.1
1
10
100
1000
Pulse Width - milliseconds


Numéro de pièce similaire - IXGH50N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N90B2D1 IXYS-IXGH50N90B2D1 Datasheet
208Kb / 7P
HiPerFAST IGBT with Fast Diode
More results

Description similaire - IXGH50N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com