Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGH50N90B2 Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXGH50N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N90B2 Fiches technique(HTML) 3 Page - IXYS Corporation

  IXGH50N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXGH 50N90B2
IXGT 50N90B2
Fig. 2. Exte nded Output Characteris tics
@ 25
ºC
0
50
100
150
200
250
300
03
69
12
15
VC E - Volts
VGE = 15V
7V
9V
11V
13V
5V
Fig. 3. Output Characteristics
@ 125
ºC
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
33.5
44.5
VCE - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 1. Output Characte ristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VC E - Volts
VGE =15V
13V
11V
9V
5V
7V
Fig. 4. Dependence of VCE(sat) on
Tem perature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
IC = 50A
IC = 25A
VGE = 15V
IC = 100A
Fig. 5. Collector-to-Em itter Voltage
vs. Gate-to-Em itter voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
5
6
7
8
9
10
11
12
13
14
15
VG E - Volts
TJ = 25ºC
IC = 100A
50A
25A
Fig. 6. Input Adm ittance
0
25
50
75
100
125
150
175
200
225
250
34
567
89
10
11
12
VG E - Volts
TJ = -40ºC
25
ºC
125
ºC


Numéro de pièce similaire - IXGH50N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N90B2D1 IXYS-IXGH50N90B2D1 Datasheet
208Kb / 7P
HiPerFAST IGBT with Fast Diode
More results

Description similaire - IXGH50N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com