Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGH32N90B2 Fiches technique(PDF) 6 Page - IXYS Corporation

No de pièce IXGH32N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N90B2 Fiches technique(HTML) 6 Page - IXYS Corporation

  IXGH32N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 5Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 6Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 32N90B2
IXGT 32N90B2
Fig. 18. Dependence of Turn-off
Sw itching Tim e on Gate Resistance
350
375
400
425
450
475
500
525
550
46
8
10
1214161820
R G - Ohms
320
330
340
350
360
370
380
390
400
td(off)
tfi - - - - -
T J = 125ºC, VGE = 15V
VCE = 720V
IC = 32A, 16A
IC = 16A, 32A, 64A
Fig. 20. Dependence of Turn-off
Sw itching Time on Collector Current
100
150
200
250
300
350
400
450
500
15
20
25
30
35
40
45
50
55
60
65
I C - Amperes
td(off)
tfi - - - - -
RG =5Ω, VGE = 15V
VCE = 720V
TJ = 125ºC
TJ = 25ºC
Fig. 22. Dependence of Turn-off
Sw itching Tim e on Tem perature
100
150
200
250
300
350
400
25
35
45
55
65
75
85
95
105 115 125
T J - Degrees Centigrade
td(off)
tfi - - - - -
RG =5Ω , VGE = 15V
VCE = 720V
IC = 64A, 32A, 16A
IC = 64A, 32A, 16A
Fig. 19. Dependence of Turn-on
Sw itching Time on Gate Resistance
15
20
25
30
35
40
45
46
8
10
12
14161820
R G - Ohms
0
30
60
90
120
150
180
td(on)
tri - - - - -
TJ = 125ºC, VGE = 15V
VCE = 720V
IC = 32A
IC = 16A
IC = 64A
Fig. 21. Dependence of Turn-on
Sw itching Tim e on Collector Current
10
12
14
16
18
20
22
24
26
28
30
10
20
30
40
50
60
70
I C - Amperes
0
10
20
30
40
50
60
70
80
90
100
td(on)
tri - - - -
RG =5Ω, VGE = 15V
VCE = 720V
TJ = 125ºC
TJ = 25ºC
Fig. 23. Dependence of Turn-on
Sw itching Time on Temperature
10
15
20
25
30
35
40
25
35
45
55
65
75
85
95 105 115 125
T J - Degrees Centigrade
0
25
50
75
100
125
150
td(on)
tri - - - - -
RG =5Ω , VGE = 15V
VCE = 720V
IC = 32A
IC = 64A
IC = 16A


Numéro de pièce similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH32N90B2D1 IXYS-IXGH32N90B2D1 Datasheet
225Kb / 7P
HiPerFAST IGBT with Fast Diode
More results

Description similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com