Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGH32N90B2 Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce IXGH32N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N90B2 Fiches technique(HTML) 4 Page - IXYS Corporation

  IXGH32N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 5Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 6Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 32N90B2
IXGT 32N90B2
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
0
20
40
60
80
100
I C - Amperes
TJ = -40ºC
25
ºC
125
ºC
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
10
20
304050
607080
90
100
Q G - nanoCoulombs
VCE = 450V
I C = 32A
I G = 10mA
Fig. 9. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VC E - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 10. Reverse-Bias Safe
Operating Area
0
10
20
30
40
50
60
70
100
200
300
400
500
600
700
800
900
VC E - Volts
TJ = 125ºC
RG =10Ω
dV/dT < 10V/ns
Fig. 11. Maxim um Transient Therm al Resistance
0.01
0.1
1
0.1
1
10
100
1000
Pulse Width - milliseconds


Numéro de pièce similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH32N90B2D1 IXYS-IXGH32N90B2D1 Datasheet
225Kb / 7P
HiPerFAST IGBT with Fast Diode
More results

Description similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com