Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGH32N90B2 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXGH32N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N90B2 Fiches technique(HTML) 1 Page - IXYS Corporation

  IXGH32N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 5Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 6Page - IXYS Corporation IXGH32N90B2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 IXYS All rights reserved
V
CES
= 900 V
I
C25
=
64 A
V
CE(sat)
= 2.7 V
t
fi typ
= 150 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
V
GE(th)
I
C = 250 μA, VCE = VGE
3.0
5.0
V
I
CES
V
CE
= V
CES
T
J = 25°C50
μA
V
GE
= 0 V
T
J = 150°C
750
μA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C = IC110, VGE = 15 V
2.2
2.7
V
T
J = 125°C
2.1
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
900
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C (limited by leads)
64
A
I
C110
T
C
= 110
°C32
A
I
CM
T
C
= 25
°C, 1 ms
200
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 64
A
(RBSOA)
Clamped inductive load @
600V
P
C
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Plastic body for 10 s
260
°C
M
d
Mounting torque (TO-247)
1.13/10Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
DS99384(12/05)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
High frequency IGBT
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speeds for high
frequency applications
HiPerFASTTM IGBT
IXGH 32N90B2
IXGT 32N90B2
TO-268 (IXGT)
TO-247 (IXGH)
E
G
B2-Class High Speed IGBTs
Advance Technical Information
C (TAB)
G
C
E
C (TAB)


Numéro de pièce similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH32N90B2D1 IXYS-IXGH32N90B2D1 Datasheet
225Kb / 7P
HiPerFAST IGBT with Fast Diode
More results

Description similaire - IXGH32N90B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com