Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGA16N60C2 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXGA16N60C2
Description  HiPerFAST IGBTs C2-Class High Speed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA16N60C2 Fiches technique(HTML) 1 Page - IXYS Corporation

  IXGA16N60C2_10 Datasheet HTML 1Page - IXYS Corporation IXGA16N60C2_10 Datasheet HTML 2Page - IXYS Corporation IXGA16N60C2_10 Datasheet HTML 3Page - IXYS Corporation IXGA16N60C2_10 Datasheet HTML 4Page - IXYS Corporation IXGA16N60C2_10 Datasheet HTML 5Page - IXYS Corporation IXGA16N60C2_10 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C, R
GE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C40
A
I
C110
T
C = 110°C16
A
I
CM
T
C = 25°C, 1ms
100
A
SSOA
V
GE = 15V, TJ = 125°C, RG = 22Ω
I
CM = 32
A
(RBSOA)
Clamped Inductive load
V
CE
≤≤≤≤ V
CES
P
C
T
C = 25°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting Torque (TO-220)
1.13/10
Nm/lb.in.
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb.
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6mm (0.062 in.) from Case for 10s
260
°C
Weight
TO-263
2.5
g
TO-220
3.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.5
V
I
CES
V
CE = VCES,VGE = 0V
15 μA
T
J = 125°C
250 μA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= 12A, V
GE = 15V, Note1
3.0
V
T
J = 125°C
1.8
V
DS99142C(08/10)
HiPerFASTTM IGBTs
C2-Class
High Speed
V
CES
= 600V
I
C110
= 16A
V
CE(sat)
≤≤≤≤ 3.0V
t
fi(typ)
= 33ns
IXGA16N60C2
IXGP16N60C2
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-263 AA (IXGA)
G
C E
TO-220AB (IXGP)
G
E
C (Tab)
C (Tab)
Features
Optimized for Low Switching Losses
Square RBSOA
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts


Numéro de pièce similaire - IXGA16N60C2_10

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
527Kb / 2P
HiPerFASTTM IGBT C2-Class High Speed IGBT
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
More results

Description similaire - IXGA16N60C2_10

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
C2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com