Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGA16N60B2 Fiches technique(PDF) 6 Page - IXYS Corporation

No de pièce IXGA16N60B2
Description  HiPerFAST IGBTs B2-Class High Speed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA16N60B2 Fiches technique(HTML) 6 Page - IXYS Corporation

  IXGA16N60B2 Datasheet HTML 1Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 2Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 3Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 4Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 5Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA16N60B2
IXGP16N60B2
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
15
20
25
30
35
40
45
50
55
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
15
16
17
18
19
20
21
22
23
t r i
td(on) - - - -
RG = 22, VGE = 15V
VCE = 400V
TJ = 25ºC, 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
10
15
20
25
30
35
40
45
50
55
60
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
14
15
16
17
18
19
20
21
22
23
24
t r i
td(on) - - - -
RG = 22, VGE = 15V
VCE = 400V
I C = 24A
I C = 12A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
80
90
100
RG - Ohms
10
15
20
25
30
35
40
45
50
55
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
IXYS REF: IXG_16N60B3D1(3D)8-02-10


Numéro de pièce similaire - IXGA16N60B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
More results

Description similaire - IXGA16N60B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com