Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGA16N60B2 Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXGA16N60B2
Description  HiPerFAST IGBTs B2-Class High Speed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA16N60B2 Fiches technique(HTML) 3 Page - IXYS Corporation

  IXGA16N60B2 Datasheet HTML 1Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 2Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 3Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 4Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 5Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Fig. 1. Output Characteristics @ TJ = 25ºC
0
4
8
12
16
20
24
00.5
11.5
2
2.5
3
VCE - Volts
VGE = 15V
13V
12V
9V
8V
10V
7V
11V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
8V
9V
11V
13V
12V
14V
10V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
4
8
12
16
20
24
00.5
11.522.5
3
VCE - Volts
VGE = 15V
13V
12V
9V
11V
8V
6V
10V
7V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
025
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 12A
I C = 6A
I C = 24A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
8
9
10
11
12
13
14
15
VGE - Volts
I C = 24A
TJ = 25ºC
12A
6A
Fig. 6. Input Admittance
0
5
10
15
20
25
30
35
4
5
6
7
8
9
10
11
12
VGE - Volts
TJ = - 40ºC
25ºC
125ºC
IXGA16N60B2
IXGP16N60B2


Numéro de pièce similaire - IXGA16N60B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
More results

Description similaire - IXGA16N60B2

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
99161 IXYS-99161 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com