Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN-6067 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce AN-6067
Description  Design and Application of Primary-Side Regulation (PSR) PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6067 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button AN-6067 Datasheet HTML 2Page - Fairchild Semiconductor AN-6067 Datasheet HTML 3Page - Fairchild Semiconductor AN-6067 Datasheet HTML 4Page - Fairchild Semiconductor AN-6067 Datasheet HTML 5Page - Fairchild Semiconductor AN-6067 Datasheet HTML 6Page - Fairchild Semiconductor AN-6067 Datasheet HTML 7Page - Fairchild Semiconductor AN-6067 Datasheet HTML 8Page - Fairchild Semiconductor AN-6067 Datasheet HTML 9Page - Fairchild Semiconductor AN-6067 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AN-6067
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/26/10
6
Constant Current Output Regulation
As shown in Figure 12, the output current IO can be
expressed by Equation 1 when the flyback converter is
operated in DCM. As a result, the output current IO can be
calculated by the signal i
pk, tdis. The PSR controller then
determines the on-time of the MOSFET to modulate input
power and provide constant output current.
P
i
S
i
Ts
in
p
V
L
2
o
-
p
nV
L
dis
t
on
t
pk
i
S
V
Gate
sampling voltage
O
I
Figure 12. Principal Operation Waveform of the
Flyback Converter (DCM)
The current-sense resistor can adjust the value of the
constant current. Through better design of the transformer
operations under discontinuous current mode, the PSR
controller’s proprietary control structure is able to achieve
accurate and constant current characteristics. Detailed
design guideline for the transformer is introduced in the
following section.
[]
[]
=
=
=
dis
CS
CS
p
dis
pk
p
pk
s
dis
t
R
V
n
Ts
t
i
n
Ts
i
t
Ts
Io
2
1
2
1
2
1
,
(1)
where:
is,pk is the peak inductor current of the secondary side,
ipk is the peak inductor of primary side.
tdis is discharge-time of transformer inductor current.
np is the turn ratio between primary and secondary winding.
RCS is the current-sense resistor.
VCS is the voltage on current-sense resistor.
Green-Mode Operation
The proprietary green-mode function of the PSR controller
provides off-time modulation to linearly decrease the PWM
frequency at light-load conditions, as low as 500Hz. With
the green-mode function, the power supply can easily meet
the most stringent of power conservation requirements.
Figure 13 shows the characteristics of the PWM frequency
vs. the output voltage of the error amplifier (V
COMV). The
PSR controller uses the positive, proportional, output load
parameter (V
COMV) as an indication of the output load for
modulating the PWM frequency. In heavy load conditions,
the PWM frequency is fixed at 42KHz. Once V
COMV is lower
than V
N, the PWM frequency starts to linearly decrease from
42KHz to 500Hz. Figure 14 is a measured waveform at
burst-mode operation.
COMV
V
Frequency
1KHz
G
V
N
V
40KHz
42KHz
500Hz
Figure 13. PWM Frequency vs. VCOMV
Figure 14. Measured Waveform at Burst-Mode Operation
Vo(AC)
100mV/Div
Gate
10V/Div
VCOMV
500mV/Div


Numéro de pièce similaire - AN-6067

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
AN-6069 FAIRCHILD-AN-6069 Datasheet
465Kb / 12P
Application Review and Comparative Evaluation of Low-Side Gate Drivers
More results

Description similaire - AN-6067

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com