Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T9AS1D22-12 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce T9AS1D22-12
Description  1 pole 30 A, 1 NO or 1 CO contact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

T9AS1D22-12 Fiches technique(HTML) 3 Page - Tyco Electronics

  T9AS1D22-12 Datasheet HTML 1Page - Tyco Electronics T9AS1D22-12 Datasheet HTML 2Page - Tyco Electronics T9AS1D22-12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Power Relay T9A (Continued)
Product key
Typical product key
T9A
S
1
D
2
2
-24
Type
T9A
Power relay T9A
Enclosure
P
dust protected (flange mount)
S
wash tight (PCB- or PCB-/quick connect version)
Contact configuration
1
1 NO contact (1 form A)
5
1 CO contact (1 form C)
Coil version
D
DC coil 1 W
Mounting
1
PCB-version
2
PCB-terminals for coil and contacts, quick connect terminals for contacts
5
Flange mount, 4.75 mm quick connect term. for coil, 6.35 mm quick connect term. for contacts
Contact material
2
AgCdO
4
AgSnOInO
Coil
Coil code: please refer to coil versions table
Other types on request
Product key
Enclosure
Mounting
Cont. material
Cont.configuration
Coil
Part number
T9AS1D12-9
wash tight
pcb terminals
AgCdO
1 NO contact
9 VDC
2-1393210-2
T9AS1D12-12
12 VDC
1-1393210-3
T9AS1D12-24
24 VDC
1-1393210-8
T9AS1D12-48
48 VDC
1-1393210-9
T9AS1D22-12
pcb + quick conn.
12 VDC
1-1419104-7
T9AS5D12-24
pcb terminals
1 CO contact
24 VDC
3-1393210-7
T9AS5D22-12
pcb + quick conn.
12 VDC
3-1419104-3
T9AS5D22-24
24 VDC
3-1419104-6


Numéro de pièce similaire - T9AS1D22-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
T9AS1D22-12 ETC-T9AS1D22-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
TE Connectivity Ltd
T9AS1D22-12 TEC-T9AS1D22-12 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Description similaire - T9AS1D22-12

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
T9V TEC-T9V Datasheet
241Kb / 2P
   1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
   1 pole 5 A, 1 form A (NO) contact
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com