Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T9AS1D22-12 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce T9AS1D22-12
Description  1 pole 30 A, 1 NO or 1 CO contact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

T9AS1D22-12 Fiches technique(HTML) 1 Page - Tyco Electronics

  T9AS1D22-12 Datasheet HTML 1Page - Tyco Electronics T9AS1D22-12 Datasheet HTML 2Page - Tyco Electronics T9AS1D22-12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power Relay T9A
n 1 pole 30 A, 1 NO or 1 CO contact
n High breaking capacity 7200 VA
n PCB- and PCB/quick connect terminals
n Chassis mount version with quick connect terminals
n UL-class F as standard
n Ambient temperature 85°C
Applications
HVAC, power supplies, domestic apppliances, measurement &
control
T9AGp
Approvals
U E22575, C LR15734
Technical data of approved types on request
Contact data
Contact configuration
1 NO contact
1 CO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
240 / 277 VAC
Rated current
NO / NC contact
30 A
20 / 10 A
Contact material
AgCdO, AgSnOInO
Minimum contact load
W 1A, 5VDC / 12 VAC
Operate- / release time including bounce time
max. 15 / 15ms
Contact ratings
Type
Contact Load
Ambient
Cycles
temp. [°C]
UL 508
T9A AgCdO
NO
30 A, 240 VAC, general purpose
85°C
100x103
T9A AgCdO
NO
15 A 240 VAC, resistive
105°C
100x103
T9A AgCdO
CO
30 A / 20 A 240 VAC, resistive
25°C
6x103
T9A AgCdO
CO
20 A / 10 A 28 VDC, resistive
25°C
100x103
T9A AgSnOInO
NO
30 A, 240 VAC, general purpose
25°C
100x103
Coil data
Rated coil voltage range DC coil
5...48 VDC
For AC coil version please refer to T9C datasheet
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
6
6
4.5
0.6
36
+10%
1000
12
12
9.0
1.2
144
+10%
1000
24
24
18.0
2.4
576
+10%
1000
48
48
36.0
4.8
2304
+10%
1000
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Insulation resistance coil-contact circuit
> 109 Ohms
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
Clearance / creepage coil-contact circuit
W 2.5 / 4 mm; W3.1 / 6.3 mm (UL508)


Numéro de pièce similaire - T9AS1D22-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
T9AS1D22-12 ETC-T9AS1D22-12 Datasheet
100Kb / 3P
Low Cost 30 Amp PC Board or Panel Mount Relay
logo
TE Connectivity Ltd
T9AS1D22-12 TEC-T9AS1D22-12 Datasheet
775Kb / 4P
T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Description similaire - T9AS1D22-12

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
T9V TEC-T9V Datasheet
241Kb / 2P
1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
1 pole 5 A, 1 form A (NO) contact
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com