Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WT78LXXK Fiches technique(PDF) 4 Page - Weitron Technology

No de pièce WT78LXXK
Description  Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT78LXXK Fiches technique(HTML) 4 Page - Weitron Technology

  WT78LXXK Datasheet HTML 1Page - Weitron Technology WT78LXXK Datasheet HTML 2Page - Weitron Technology WT78LXXK Datasheet HTML 3Page - Weitron Technology WT78LXXK Datasheet HTML 4Page - Weitron Technology WT78LXXK Datasheet HTML 5Page - Weitron Technology WT78LXXK Datasheet HTML 6Page - Weitron Technology WT78LXXK Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WEITRON
http://www.weitron.com.tw
4/7
05-Nov-2010
WT78L12 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=19V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Tj=25°C
Line Regulation
O=1~100mA, Tj=25°C
O=1~40mA, Tj=25°C
WT78L15 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=23V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
15
14.4
14.25
15.6
15.75
25
15
-
-
150
75
mV
Load Regulation
j=25°C
Quiescent Current
j=25°C
65
58
-
-
300
250
mV
VO
4.6
-
6.5
mA
IQ
Quiescent Current Change
-
-
-
-
1.5
0.1
mA
Q
Output Noise Voltage
82
-
-
µV
Vn
Dropout Voltage
1.7
-
-
V
VD
Ripple Rejection
j=0-125°C
39
-
dB
RR
17.5V<=V <=30V,
in
IO=1mA~40mA,Tj=0-125°C
IO =1mA~70mA, Tj=0~125°C
14.25
15
15
15.75
I
I
∆VO
17.5V<=V <=30V,
in
19V<=V <=30V,
in
∆VO
T
∆I
19V<=V <=30V,
in
Tj=0-125°C
1mA<=I O<=40mA,Tj =0-125°C
10Hz<=f<=100KHz, T =25°C
18.5V<=V <=28.5V,
in
T =25°C
j=25°C
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Tj=25°C
Line Regulation
O=1~100mA, Tj=25°C
O=1~40mA, Tj=25°C
12
11.5
11.4
12.5
12.6
22
13
-
-
100
50
mV
Load Regulation
j =25°C
Quiescent Current
j=25°C
55
49
-
-
250
200
mV
VO
4.3
-
6.5
mA
IQ
Quiescent Current Change
-
-
-
-
1.5
0.1
mA
Q
Output Noise Voltage
70
-
-
µV
Vn
Dropout Voltage
1.7
-
-
V
VD
Ripple Rejection
j=0-125°C
42
-
dB
RR
14V<=V <=27V,
in
IO=1mA~40mA,Tj=0-125°C
IO =1mA~70mA, Tj=0~125°C
11.4
12
12
12.6
I
I
∆VO
14.5V<=V <=27V,
in
16V<=V <=27V,
in
∆VO
T
∆I
16V<=V <=27V,
in
Tj=0-125°C
1mA<=I O<=40mA,Tj =0-125°C
10Hz<=f<=100KHz, T =25°C
15V<=V <=25V,
in
T =25°C
j=25°C
37
V =23V,
in
V =23V,
in
V =23V,
in
O=40mA,
I
O=40mA,
I
O=40mA,
I
34
WT78LXXK


Numéro de pièce similaire - WT78LXXK

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXG WEITRON-WT78LXXG Datasheet
935Kb / 7P
Positive Voltage Regulator
WT78LXXM WEITRON-WT78LXXM Datasheet
598Kb / 4P
Positive Voltage Regulator
More results

Description similaire - WT78LXXK

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com